Part Number Hot Search : 
ECG2987 M63840P 68HC70 5LP01M BTP128 TEA6848H T1010 0120A
Product Description
Full Text Search
 

To Download SEF101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual s e f10 1a thru s e f10 7a voltage 50v ~ 10 00v 1.0amp high efficiency recovery rectifiers s e f 1 0 1 a s e f 1 0 2 a s e f 1 0 3 a s e f 1 0 4 a s e f 1 0 5 a s e f 1 0 6 a u n i t s 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 v 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 v 3 5 7 0 1 4 0 2 8 0 4 2 0 5 6 0 1 . 0 3 0 5 . 0 1 0 0 1 5 - 6 5 + 1 7 5 v a a v m a m a n s p f 0 . 9 8 1 . 3 1 . 5 1 . 7 5 0 7 5 c s e f 1 0 7 a 1 0 0 0 1 0 0 0 7 0 0 m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s r a t i n g 2 5 c a m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . s i n g l e p h a s e h a l f w a v e , 6 0 h z , r e s i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . t y p e n u m b e r m a x i m u m r e c u r r e n t p e a k r e v e r s e v o l t a g e m a x i m u m r m s v o l t a g e m a x i m u m d c b l o c k i n g v o l t a g e m a x i m u m a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t . 3 7 5 " ( 9 . 5 m m ) l e a d l e n g t h a t t a = 5 5 c p e a k f o r w a r d s u r g e c u r r e n t , 8 . 3 m s s i n g l e h a l f s i n e - w a v e s u p e r i m p o s e d o n r a t e d l o a d ( j e d e c m e t h o d ) m a x i m u m i n s t a n t a n e o u s f o r w a r d v o l t a g e a t 1 . 0 a m a x i m u m d c r e v e r s e c u r r e n t t a = 2 5 c a t r a t e d d c b l o c k i n g v o l t a g e t a = 1 0 0 c m a x i m u m r e v e r s e r e c o v e r y t i m e ( n o t e 1 ) t y p i c a l j u n c t i o n c a p a c i t a n c e ( n o t e 2 ) n o t e s : 1 . r e v e r s e r e c o v e r y t i m e t e s t c o n d i t i o n : i f = 0 . 5 a , i r = 1 . 0 a , i r r = 0 . 2 5 a 2 . m e a s u r e d a t 1 m h z a n d a p p l i e d r e v e r s e v o l t a g e o f 4 . 0 v d . c . m e c h a n i c a l d a t a * c a s e : m o l d e d p l a s t i c * e p o x y : u l 9 4 v - 0 r a t e f l a m e r e t a r d a n t * m e t a l l u r g i c a l l y b o n d e d c o n s t r u c t i o n * p o l a r i t y : c o l o r b a n d d e n o t e s c a t h o d e e n d * m o u n t i n g p o s i t i o n : a n y * w e i g h t : 0 . 0 6 3 g r a m s f e a t u r e s * i d e a l f o r s u r f a c e m o u n t a p p l i c a t i o n s * e a s y p i c k a n d p l a c e * b u i l t - i n s t r a i n r e l i e f * f a s t s w i t c h i n g s p e e d o p e r a t i n g a n d s t o r a g e t e m p e r a t u r e r a n g e t j , t s t g h t t p : / / w w w . s e c o s g m b h . c o m e l e k t r o n i s c h e b a u e l e m e n t e 0 1 - j u n - 2 0 0 6 rev.d p a g e 1 o f 2 a b d g e h f c dimensions in millimeters dimensions in inches a 1.25 1.65 0.049 0.065 b 3.99 4.60 0.157 0.181 c 2.50 2.90 0.098 0.114 d 1.98 2.44 0.078 0.096 e 0.051 0.203 0.002 0.008 f 4.78 5.28 0.188 0.208 g 0.76 1.52 0.030 0.060 h 0.152 0.305 0.006 0.012 s m a rohs compliant product a suf fix of "-c" specifies halogen-free
any changing of specification will not be informed individual s e f101a thru s e f10 7 a voltage 50v ~ 10 00v 1.0amp high efficiency recovery rectifiers 0 . 1 1 . 0 . 0 1 1 0 5 0 c h a r a c t e r i s t i c s f o r w a r d v o l t a g e , ( v ) p u l s e w i d t h 3 0 0 u s 1 % d u t y c y c l e 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 3 5 3 0 2 5 2 0 1 5 1 0 5 0 ( + ) ( + ) 2 5 v d c ( a p p r o x . ) ( ) ( ) . 0 1 . 0 5 . 1 . 5 1 5 1 0 5 0 1 0 0 d . u . t . . 6 . 9 1 . 2 1 . 5 1 . 8 2 . 1 2 . 4 2 . 7 3 . 0 a m b i e n t t e m p e r a t u r e ( c ) t j = 2 5 c s e f 1 0 6 a ~ s e f 1 0 7 a s e f 1 0 1 a ~ s e f 1 0 3 a s e f 1 0 4 a s e f 1 0 5 a r a t i n g a n d c h a r a c t e r i s t i c c u r v e s ( s e f 1 0 1 a t h r u s e f 1 0 7 a ) f i g . 1 - t y p i c a l f o r w a r d f i g . 2 - t y p i c a l f o r w a r d c u r r e n t d e r a ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) f i g . 5 - t y p i c a l j u n c t i o n c a p a c i t a n c e r e v e r s e v o l t a g e , ( v ) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) pulse generator (note 2) oscilliscope (note 1) 1 non- inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | | | | | | | | 1cm set time base for 50 / 10ns / cm trr fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w fig.4-maximum non-repetitive forward surge current peak forwaard surge current,(a) 10 0 20 30 40 50 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method single phase half wave 60hz resistive or inductive load 0 20 40 60 80 100 120 140 160 180 200 0 http://www.secosgmbh.com ele k troni sche bauelemente 0 1 - j u n - 2 0 0 6 rev. d p a g e 2 o f 2


▲Up To Search▲   

 
Price & Availability of SEF101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X